Part Number Hot Search : 
LTC1660 DF6109A R5001015 Y100E IPB05 A0512 LAN91 721A240
Product Description
Full Text Search
 

To Download DTA124EUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL SPECIFICATION
SEMICONDUCTOR
SOT-323 DIGITAL TRANSISTOR TRANSISTORS(PNP)
RECTRON
DTA124EUA
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors.(see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation, marking device design easy.
SOT-323
MECHANICAL DATA
* * * * *
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.006 gram
0.053(1.35) 0.045(1.15) 0.006(0.15) 0.003(0.08) REF 0.021(0.53)
0.043(1.10) 0.035(0.90) 0.004(0.10) 0.000(0.00)
0.016(0.40) 0.008(0.20)
0.096(2.45) 0.085(2.15)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. (2) (1) (1) IN (2) GND (3) OUT
O
0.055(1.40) 0.047(1.20)
1 3 2
0.087(2.20) 0.079(2.00)
(3) MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted ) RATINGS Supply voltage Input voltage Output current
Dimensions in inches and (millimeters)
SYMBOL VCC VIN IO IC(MAX)
LIMITS -50 -40~10 -30 -100 200 150 -55 ~150
UNITS V V
mA mW
o o
Power dissipation Junction temperature Storage temperature
o
Pd Tj Tstg
C C
ELECTRICAL CHARACTERISTICS ( @ TA = 25 C unless otherwise noted ) CHARACTERISTICS Input voltage (VCC= -5V, IO= -100mA) Input voltage (VO= -0.2V, IO= -5mA) Output voltage (IO / II= -10mA / -0.5mA) Input current (VI= -5V) Output current (VCC= -50V,VI= 0) DC current gain (VO= -5V,IO= -5mA) Input resistance Resistance ratio Transition frequency (VO= -10V,IO= -5mA, f= 100MHz) Note: "Fully ROHS compliant", "100% Sn plating (Pb-free)". SYMBOL VI(off) VI(on) Vo(on) II Io(off) GI R1 R2 / R1 MIN -3 56 15.4 0.8 TYP 22 1 250 MAX -0.5 -0.3 -0.36 -0.5 28.6 1.2 V mA mA KW MHz 2006-3 UNITS V
fT
RATING AND CHARACTERISTICS CURVES (DTA124EUA)
-100 -50
VO= -0.3V
-10m -5m -2m -1m -500m -200m -100m -50m -20m -10m -5m -2m -1m
VCC= -5V Ta= 100 C O 25 C O -40 C
O
VI(on), INPUT VOLTAGE, (V)
-20 -10 -5 -2 -1 -500m -200m -100m
Ta= -40 C O 25 C O 100 C
O
IO, INPUT VOLTAGE, (A)
-100m -200m -500m -1m
-2m -5m
-10m -20m -50m -100m
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
1K 500
Figure1 Input voltage vs. output current (ON Characteristics)
VO= -5V
IO, OUTPUT CURRENT, (A)
-1
Figure2 Output current vs input voltage (OFF Characteristics)
IO / II= 20 Ta= 100 C O 25 C O -40 C
O
VI(on), INPUT VOLTAGE, (V)
Gi, DC CURRENT GAIN
200 100 50 20 10 5 2 1 -100m -200m -500m -1m
VO(on), OUTPUT VOLTAGE, (V) -10m -20m -50m -100m
Ta= 100 C O 25 C O -40 C
O
-500m -200m -100m -50m -20m -10m -5m -2m
-2m
-5m
-1m
-100m -200m -500m -1m
-2m
-5m
-10m -20m -50m -100m
Figure3 DC current gain vs. output current
IO, CUTPUT CURRENT, (A)
Figure4 Output voltage vs. output current
IO, OUTPUT CURRENT, (A)
IN
R1 R2
OUT
GND(+)
IN GND(+)
OUT
Figure5 Equivalent circuit
RECTRON
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.
RECTRON


▲Up To Search▲   

 
Price & Availability of DTA124EUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X